Part Number Hot Search : 
MA250 2N4016 25160LI BCM6358 HPY5066X MA250 MAJ100 BA10ST
Product Description
Full Text Search
 

To Download SST4117 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N-Channel JFET General Purpose Amplifier
CORPORATION
2N4117 - 2N4119 / 2N4117A - 2N4119A PN4117 - PN4119 / PN4117A - PN4119A / SST4117 - SST4119
PIN CONFIGURATION FEATURES Leakage * Low Capacitance * Low
TO - 92
TO-72
ABSOLUTE MAXIMUM RATINGS (TA = 25oC unless otherwise noted) Gate-Source or Gate-Drain Voltage . . . . . . . . . . . . . . . . -40V Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA Storage Temperature Range . . . . . . . . . . . . . -65oC to +200oC Operating Temperature Range . . . . . . . . . . . -55oC to +175oC Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300oC Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mW Derate above 25oC . . . . . . . . . . . . . . . . . . . . . . . 2.0mW/ oC
NOTE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
G D
C S
G DS
SOT-23 G
5007
D S
PRODUCT MARKING (SOT-23) SST4117 SST4118 SST4119 T17 T18 T19
ORDERING INFORMATION Part Package Temperature Range -55oC to +175oC -55oC to +135oC -55oC to +135oC -55oC to +175oC 2N4117-19/A Hermetic TO-72 PN4117-19/A Plastic TO-92 SST4117-19 Plastic SOT-23 X2N4117-19/A Sorted Chips in Carriers
ELECTRICAL CHARACTERISTICS (TA = 25oC unless otherwise specified)
SYMBOL BVGSS PARAMETER Gate-Source Breakdown Voltage Gate Reverse Current IGSS A devices A devices VGS(off) IDSS gfs gfs gos Ciss Crss Gate-Source Pinch-Off Voltage Drain Current at Zero Gate Voltage (Note 1) Common-Source Forward Transconductance (Note 1) Common-Source Forward Transconductance (Note 2) Common-Source Output Conductance Common-Source Input Capacitance (Note 2) Common-Source Reverse Transfer Capacitance (Note 2) -0.6 70 60 3 3 1.5 4117/A -40 -10 -1 -25 -2.5 -1.8 210 -1 80 70 5 3 1.5 4118/A -40 -10 -1 -25 -2.5 -3 250 -2 100 90 10 3 pF 1.5 4119/A -40 -10 -1 -25 -2.5 -6 330 S MIN MAX MIN MAX MIN MAX UNITS V pA nA V mA TEST CONDITIONS IG = -1A, VDS = 0 VGS = -20V, VDS = 0 TA = +150oC VDS = 10V, ID = 1nA VDS = 10V, VGS = 0 VDS = 10V, f = 1kHz VGS = 0, f = 30MHz VDS = 10V, VGS = 0, f = 1kHz VDS = 10V, VGS = 0, f = 1MHz VDS = 10V, VGS = 0, f = 1MHz
0.02 0.09 0.08 0.24 0.20 0.60
NOTES: 1. Pulse test: Pulse duration of 2ms used during test. 2. For design reference only, not 100% tested.


▲Up To Search▲   

 
Price & Availability of SST4117

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X